Part Number Hot Search : 
SMS12 AN8387 OPF542 TLHF4200 RTR030P TFS82B EML5431 S272J1
Product Description
Full Text Search
 

To Download HT1001SMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 - 1000 MHz 5-BIT Digital Attenuator
HBH
Microwave GmbH
HT1001/SMD
General Description
HT0001/SMD is a TTL-controlled 5-BIT attenuator in a low cost SMA package. Covering 1 MHz to 1000 MHz, the typical insertion loss is less than 2.0 dB. The attenuator offers a total attenuation range of 31 dB with 1 dB step size. The attenuator operates with a single voltage of -5V. The attenuation steps are controlled by TTL signals. The device operates from -40C to +85C.
Electrical Performance
Typical Data @25 C
Parameter Min Typ Max Units
Frequency Range Insertion Loss Attenuation Range Attenuation Steps Return Loss "All Attenuation States" Return Loss "Off State" Input P0.1dB Switching 10/90% RF Temperature Range DC Voltage Control Voltages Package Size
Rev. 1.0
1 2.0 31 1 10 9 13 12 22 300 -40 -5.0 10% 0/5 tbd 28 x 28 x 6
1000 2.5
MHz dB dB dB dB dB dBm ns
+85
C V V
mm
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany Phone +49-7244-6098490
Internet: http://www.hbhmw.com Email: info@hbhmw.com Fax +49-7244-6098489 Date: 02/10/2003


▲Up To Search▲   

 
Price & Availability of HT1001SMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X